Electronic Components Datasheet Search
  English  ▼

X  

D2UB100 Datasheet(PDF) 1 Page - RFE international

Part # D2UB100
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

D2UB100 Datasheet(HTML) 1 Page - RFE international

  D2UB100 Datasheet HTML 1Page - RFE international D2UB100 Datasheet HTML 2Page - RFE international D2UB100 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bridge Rectifiers
D2UB05 Through D2UB100
D3K
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 06-FEB-2023


Similar Part No. - D2UB100

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D2UB100 KINGTRONICS-D2UB100 Datasheet
348Kb / 2P
Single Phase 2.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
logo
SeCoS Halbleitertechnol...
D2UB100 SECOS-D2UB100 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
D2UB100 YANGJIE-D2UB100 Datasheet
159Kb / 4P
Bridge Rectifiers
D2UB100 YANGJIE-D2UB100 Datasheet
159Kb / 4P
Bridge Rectifiers
logo
Shanghai Leiditech Elec...
D2UB100 LEIDITECH-D2UB100 Datasheet
1Mb / 3P
UL recognition, file #E230084
More results

Similar Description - D2UB100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com