Electronic Components Datasheet Search
  English  ▼

X  

SS56 Datasheet(PDF) 1 Page - RFE international

Part # SS56
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS56 Datasheet(HTML) 1 Page - RFE international

  SS56 Datasheet HTML 1Page - RFE international SS56 Datasheet HTML 2Page - RFE international SS56 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PARAMETER
SYMBOL
UNIT
SS52
SS54
SS56
SS510
SS515
SS520
Device marking code
SS52
SS54
SS56
SS510
SS515
SS520
Repetitive Peak Reverse Voltage
VRRM
V
20
40
60
100
150
200
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
IO
A
5.0
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Ta=25
IFSM
A
100
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55~+125
-55 ~+150
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
SS52
SS54
SS56
SS510
SS515
SS520
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=5.0A
0.55
0.60
0.70
0.85
0.90
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
mA
Ta=25
0.2
0.1
Ta=100
20
5
Typical junction capacitance
Cj
pF
Measured at 1MHZ
and Applied Reverse
Voltage of 4.0 V.D.C.
280
220
180
100
Surface Mount Schottky Rectifiers
SS52 Through SS520
DO-214AB(SMC)
10-24-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
Guardring for overvoltage protection
Low power losses
Extremely fast switching
High forward surge capability
High frequency operation
Solder dip 260 C max. 10 s, per JESD 22-B106
Package: DO-214AM(SMC)
Molding compound meets UL 94 V-0 ammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity: Color band denotes the cathode end
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
SS52
SS53
SS54
SS55
SS56
SS58
SS510 SS515 SS520
Thermal
Resistance
Junction to ambient
RθJ-A
/W
47(1)
Junction to lead
RθJ-L
13(1)
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
Note(1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas


Similar Part No. - SS56

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS56 JINANJINGHENG-SS56 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS56 YANGJIE-SS56 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS56 FRONTIER-SS56 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS56 LUGUANG-SS56 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS56 LUGUANG-SS56 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS56

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com