Electronic Components Datasheet Search
  English  ▼

X  

AM29LV400B Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29LV400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV400B Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29LV400B Datasheet HTML 2Page - Advanced Micro Devices AM29LV400B Datasheet HTML 3Page - Advanced Micro Devices AM29LV400B Datasheet HTML 4Page - Advanced Micro Devices AM29LV400B Datasheet HTML 5Page - Advanced Micro Devices AM29LV400B Datasheet HTML 6Page - Advanced Micro Devices AM29LV400B Datasheet HTML 7Page - Advanced Micro Devices AM29LV400B Datasheet HTML 8Page - Advanced Micro Devices AM29LV400B Datasheet HTML 9Page - Advanced Micro Devices AM29LV400B Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
4
Am29LV400B Known Good Die
SU PP L E ME NT
PAD DESCRIPTION
Pad locations relative to die center.
Note: The coordinates above are relative to die center and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
–0.90
80.50
–0.02
2.04
2
DQ4
–13.00
80.50
–0.33
2.04
3
DQ12
–18.90
80.50
–0.48
2.04
4
DQ5
–24.80
80.50
–0.63
2.04
5
DQ13
–30.70
80.50
–0.78
2.04
6
DQ6
–36.50
80.50
–0.93
2.04
7
DQ14
–42.40
80.50
–1.08
2.04
8
DQ7
–48.30
80.50
–1.23
2.04
9
DQ15/A–1
–54.20
80.50
–1.38
2.04
10
VSS
–63.60
78.90
–1.62
2.00
11
BYTE#
–63.60
68.90
–1.62
1.75
12
A16
–63.60
58.80
–1.62
1.49
13
A15
–63.30
–79.00
–1.61
–2.01
14
A14
–55.90
–79.00
–1.42
–2.01
15
A13
–50.50
–79.00
–1.28
–2.01
16
A12
–44.70
–79.00
–1.14
–2.01
17
A11
–39.30
–79.00
–1.00
–2.01
18
A10
–33.40
–79.00
–0.85
–2.01
19
A9
–28.00
–78.70
–0.71
–2.00
20
A8
–22.10
–79.00
–0.56
–2.01
21
WE#
–16.60
–79.00
–0.42
–2.01
22
RESET#
–7.10
–82.80
–0.18
–2.10
23
RY/BY#
10.20
–82.80
0.26
–2.10
24
A17
22.20
–79.00
0.56
–2.01
25
A7
28.00
–79.00
0.71
–2.01
26
A6
33.40
–79.00
0.85
–2.01
27
A5
39.30
–79.00
1.00
–2.01
28
A4
44.70
–79.00
1.14
–2.01
29
A3
50.50
–79.00
1.28
–2.01
30
A2
55.90
–79.00
1.42
–2.01
31
A1
63.30
–79.00
1.61
–2.01
32
A0
63.60
58.60
1.62
1.49
33
CE#
63.60
68.70
1.62
1.75
34
VSS
63.60
78.70
1.62
2.00
35
OE#
54.20
81.40
1.38
2.07
36
DQ0
46.60
80.50
1.18
2.04
37
DQ8
40.70
80.50
1.03
2.04
38
DQ1
34.90
80.50
0.89
2.04
39
DQ9
28.90
80.50
0.73
2.04
40
DQ2
23.10
80.50
0.59
2.04
41
DQ10
17.20
80.50
0.44
2.04
42
DQ3
11.40
80.50
0.29
2.04
43
DQ11
5.40
80.50
0.14
2.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com