Electronic Components Datasheet Search
  English  ▼

X  

DDTC122LE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC122LE
Description  NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC122LE Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC122LE Datasheet HTML 1Page - Diodes Incorporated DDTC122LE Datasheet HTML 2Page - Diodes Incorporated DDTC122LE Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30404 Rev. 5 - 2
1 of 3
DDTC (LO-R1) E
www.diodes.com
ã Diodes Incorporated
DDTC (LO-R1) E
NPN PRE-BIASED 100 mA SOT-523
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available (DDTA)
·
Built-In Biasing Resistors
·
Lead Free/RoHS Compliant (Note 2)
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
N
TOP VIEW
Mechanical Data
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Solderable per MIL-STD-202, Method
208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe)
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 2)
·
Weight: 0.002 grams (approximate)
·
Ordering Information (See Page 2)
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
50
V
Input Voltage, (1) to (2)
DDTC122LE
DDTC142JE
VIN
-5 to +6
-5 to +6
V
Input Voltage, (2) to (1)
DDTC122TE
DDTC142TE
VEBO (MAX)
5V
Output Current
All
IC
100
mA
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
P/N
R1 (NOM) R2 (NOM) MARKING
DDTC122LE
DDTC142JE
DDTC122TE
DDTC142TE
0.22K
W
0.47K
W
0.22K
W
0.47K
W
10K
W
10K
W
OPEN
OPEN
N81
N82
N83
N84
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
Schematic and Pin Configuration
R1
OUT
B
C
E
R2
3
2
1
IN
GND(0)
SPICE MODELS: DDTC122LE DDTC142JE DDTC122TE DDTC142TE


Similar Part No. - DDTC122LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC122LE DIODES-DDTC122LE Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE Datasheet
64Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE Datasheet
170Kb / 3P
NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30404 Rev. 6 - 2
DDTC122LE-7 DIODES-DDTC122LE-7 Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTC122LE DIODES-DDTC122LE_2 Datasheet
170Kb / 3P
NPN PRE-BIASED 100 mA SURFACE MOUNT TRANSISTOR
DS30404 Rev. 6 - 2
More results

Similar Description - DDTC122LE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114GE DIODES-DDTC114GE Datasheet
67Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 3 - 1
DDTC123EE DIODES-DDTC123EE Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30313 Rev. 3 - 2
DDTC122LE DIODES-DDTC122LE Datasheet
74Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTCXXXXE DIODES-DDTCXXXXE Datasheet
64Kb / 3P
NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30404 Rev. 2 - 2
DDTCXXXXU DIODES-DDTCXXXXU Datasheet
68Kb / 3P
NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 2 - 2
DDTC113ZE DIODES-DDTC113ZE_1 Datasheet
84Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30314 Rev. 8 - 2
DDTC113TE DIODES-DDTC113TE_1 Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30315 Rev. 5 - 2
DDTC114GE DIODES-DDTC114GE_1 Datasheet
447Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30316 Rev. 7 - 2
DDTC122LU DIODES-DDTC122LU_1 Datasheet
78Kb / 3P
NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 5 - 2
DDTA122LE DIODES-DDTA122LE Datasheet
72Kb / 3P
PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
DS30405 Rev. 5 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com