Electronic Components Datasheet Search
  English  ▼

X  

AM29DS323D Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29DS323D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS323D Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29DS323D_06 Datasheet HTML 4Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 5Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 6Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 7Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 8Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 9Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 10Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 11Page - Advanced Micro Devices AM29DS323D_06 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
6
Am29DS323D
23480A5 October 10, 2006
D A TA
SH EET
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory prod-
ucts in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
C2
D2
E2
F2
G2
H2
C1
D1
E1
F1
G1
H1
C3
D3
E3
F3
G3
H3
C4
D4
E4
F4
G4
H4
C5
D5
E5
F5
G5
H5
C6
D6
E6
F6
G6
H6
A2
B2
A1
B1
A3
B3
A4
B4
A5
B5
A6
B6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56