Electronic Components Datasheet Search
  English  ▼

X  

LM111 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LM111
Description  Voltage comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM111 Datasheet(HTML) 4 Page - NXP Semiconductors

  LM111 Datasheet HTML 1Page - NXP Semiconductors LM111 Datasheet HTML 2Page - NXP Semiconductors LM111 Datasheet HTML 3Page - NXP Semiconductors LM111 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
LM111/211/311/
LM311B
Voltage comparator
August 31, 1994
276
TYPICAL APPLICATIONS
INPUT
R1
3K
BAL
R2
3K
V+ = 5V
TO
MOS
LOGIC
R3
10K
V– = 10V
5
6
8
7
1
4
3
2
INPUT
+
–
LM311
+
–
LM311
V+ 5V
R3
2K
TTL
OUTPUT
8
7
3
2
4
1
R1
4.5K
R2
1K
MAGNETIC
PICKUP
+
–
LM311
V+ = 5V
TO TTL
OUTPUT
2
3
8
7
1
4
R4
82K
R2
47K
C1
R1
240K
R3
82K
R5
1K
Zero Detector
Driving MOS Logic
Detector for Magnetic
Transducer
TTL Interface with High
Level Logic
* Values shown are for a 0 to 30V logic swing and a 15V threshold.
** May be added to control speed and reduce susceptibility to noise spikes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com