Electronic Components Datasheet Search
  English  ▼

X  

P5504 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # P5504
Description  P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

P5504 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  P5504 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. P5504 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. P5504 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. P5504 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. P5504 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. P5504 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. P5504 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to Source Voltage
Transconductance
Drain Source Breakdown vs. Junction Temperature
V
SD -- Source-to-Drain Voltage (V)
0
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
1.2
1.0
0.8
0.6
0.4
0.2
ID = 250 µA
TJ - Temperature (°C)
- 0.4
0.5
0.8
1.1
0
ID = 5 mA
- 50
- 25
150
125
100
75
50
25
175
- 0.1
0.2
0.00
0.02
0.04
0.08
0.10
0
2468
10
TJ = 25 °C
VGS - Gate-to-Source Voltage (V)
TJ = 150 °C
0.06
0
20
40
60
80
100
120
0
20406080
100
I
D - Drain Current (A)
TC = - 55 °C
25 °C
125 °C
- 50
- 48
- 46
- 44
- 42
- 40
- 50
- 25
0
25
50
75
100
125
150
175
ID = 10 mA
T
J - Junction Temperature (°C)
www.umw-ic.com
4
UTD Semiconductor Co.,Limited
UMW
R
P5504
P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com