Electronic Components Datasheet Search
  English  ▼

X  

PC357 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC357
Description  SOP4, DC Input Photo Transistor Coupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PC357 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PC357 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. PC357 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SOP4, DC Input Photo Transistor Coupler
Description
The UMW PC357 series combine an AlGaAs
infrared emitting diode as the emitter which is
optically coupled to a silicon planar phototran-
sistor detector in a plastic SOP4 package.
With the robust coplanar double mold structure,
UMW PC357 series provide the most stable
isola-tion feature.
Features
Applications

Switch mode power supplies

Programmable controllers

Household appliances

Office equipment
UMW
PC357
R
High isolation 3750 VRMS
CTR flexibility available see order information
DC input with transistor output
Operating temperature range - 55 °C to 110 °C
REACH compliance
Halogen free
MSL class 1
UL Recognized: UL1577, File No. E
492440
www.umw-ic.com
1
友台半导体有限公司
Structural schematic diagram
1. Anode
2. Cathode
3. Emitter
4. Collector
3
4
1
2


Similar Part No. - PC357

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357 SHARP-PC357 Datasheet
741Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC357 SHARP-PC357 Datasheet
741Kb / 15P
PHOTOCOUPLER
PC357 SHARP-PC357 Datasheet
465Kb / 11P
PC357 Outline Dimensions
PC357MJ0000F SHARP-PC357MJ0000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N Datasheet
219Kb / 14P
Mini-flat Package General Purpose Photocoupler
More results

Similar Description - PC357

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT6350 MARKTECH-MT6350 Datasheet
217Kb / 6P
PHOTO TRANSISTOR COUPLER
logo
COSMO Electronics Corp...
KPS2801 COSMO-KPS2801 Datasheet
268Kb / 2P
High Isolation Voltage DC Input Response Type SSOP Photo Coupler
logo
NEC
PS2007B NEC-PS2007B Datasheet
84Kb / 3P
PHOTO COUPLER
PS2043 NEC-PS2043 Datasheet
109Kb / 4P
PHOTO COUPLER
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815 Datasheet
349Kb / 11P
Photo coupler
EL816 EVERLIGHT-EL816 Datasheet
338Kb / 13P
Photo coupler
logo
Guangdong Youtai Semico...
LTV-1008 UMW-LTV-1008 Datasheet
852Kb / 12P
LSOP4, DC Input, Photo Transistor Coupler
LTV-1009 UMW-LTV-1009 Datasheet
852Kb / 12P
LSOP4, DC Input, Photo Transistor Coupler
EL101X UMW-EL101X Datasheet
872Kb / 12P
LSOP4, DC Input, Photo Transistor Coupler
EL357 UMW-EL357 Datasheet
796Kb / 8P
SOP4, DC Input Photo Transistor Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com