Electronic Components Datasheet Search
  English  ▼

X  

PC357A Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC357A
Description  SOP4, DC Input Photo Transistor Coupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PC357A Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PC357A Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. PC357A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
NOTE
INPUT
Forward Current
IF
60
mA
Peak Forward Current
IFP
1
A
1
Reverse Voltage
VR
6
V
Input Power Dissipation
PI
100
mW
OUTPUT
Collector - Emitter Voltage
VCEO
35
V
Emitter - Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Output Power Dissipation
PO
150
mW
COMMON
Total Power Dissipation
Ptot
200
mW
Isolation Voltage
Viso
3750
Vrms
2
Operating Temperature
Topr
-55~110
°C
Storage Temperature
Tstg
-55~125
°C
Soldering Temperature
Tsol
260
°C
Note 1. 100μs pulse, 100Hz frequency
Note 2. AC For 1 Minute, R.H. = 40 ~ 60%
www.umw-ic.com
2
友台半导体有限公司
SOP4, DC Input Photo Transistor Coupler
UMW
PC357
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com