Electronic Components Datasheet Search
  English  ▼

X  

PC817 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PC817
Description  The 817 series optocoupler is composed of a GaAs emitter and an NPN transistor.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PC817 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PC817 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PC817 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PC817 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PC817 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PC817 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● 特点(Features):
1.电流转换比(CTR: 最小. 50%工作条件 IF=5mA, VCE=5V)
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
2.绝缘电压:(VISO=5,000Vrms) Insulation Voltage = 5,000Vrms
3.响应时间
(tr: TYP. 4μs 工作条件 VCE=2V, IC=2mA, RL=100 Ω)
Response Time (
tr: TYP. 4μs working condition VCE=2V, IC=2mA, RL=100 Ω)
● 说明 (Instructions)
1. 817 系列光耦合器的组成是:由一个 GaAs 的发射管和一个 NPN 的晶体管组成
817 photocoupler consist of one piece of GaAs emitter and one piece of NPN
transistor
2. 817 的 BIN 脚宽是 2.54mm
817 is 2.54mm
● 应用范围 (Application Range)
1.电脑. Computer
2.器具的应用, 测量机. Instrumental application, measurement machine
3.贮存器, 复印机, 自动售货机. Imbursement equipments, duplicating machine, automat
4.家用电器, 如风扇等. Family-use electric equipments, such as fans, etc
…
5.信号传输系统. Signal transforming systems
● 最大绝对额定值
(常温=25℃) Max Absolute rated Value (Normal
Temperature=25℃)
参数 Parameter
符号
Symbol
额定值 Rated Value
单位
Unit
输入 Inout
顺向电流 Forward Current
IF
50
mA
逆向电压 Reverse Voltage
VR
6
V
功消耗率 Consume Power
P
70
mW
输出 Output
集极与射极电压
Collector and Emitter Voltage
VCEO
35
V
射极与集极电压
Emitter and Collector Voltage
VECO
6
集极电流 Collector Current
IC
50
mA
消耗功率 Consume Power
PC
150
mW
总功率消耗 Total Consume Power
Ptot
200
mW
*1 绝缘电压 Insulation Voltage
Viso
5,000
Vrms
最大绝缘电压 Max Insulation Voltage
VIOTM
6,000
V
额定脉冲绝缘电压 Rated Impulse Insulation
Voltage
VIORM
630
V
工作温度 Working Temperature
Topr
-30 to + 100
℃
存贮温度 Deposit Temperature
Tstg
-55 to + 125
*2 焊锡温度 Soldering Temperature
Tsol
260
BIN width of
1
www.umw-ic.com
友台半导体有限公司
4.UL approved: UL1577, file No. E492440
UMW
R
PC817


Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
More results

Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1212A TI-DS92LV1212A Datasheet
411Kb / 17P
The DS92LV 1212A is an upgrade of the DS92LV1212.
logo
Asahi Kasei Microsystem...
EQ-430L AKM-EQ-430L Datasheet
127Kb / 4P
EQ-430L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-431L AKM-EQ-431L Datasheet
127Kb / 4P
EQ-431L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-432L AKM-EQ-432L Datasheet
127Kb / 4P
EQ-432L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-732L AKM-EQ-732L Datasheet
122Kb / 4P
EQ-732L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EQ-733L AKM-EQ-733L Datasheet
122Kb / 4P
EQ-733L is composed of an InAs Quantum Well Hall Element and a signal processing IC chip in a package
EZ-410 AKM-EZ-410 Datasheet
130Kb / 3P
EZ-410 is composed of an InAs Hall Element and a signal processing IC chip in a package
EZ-470 AKM-EZ-470 Datasheet
128Kb / 3P
EZ-470 is composed of an InAs Hall Element and a signal processing IC chip in a package
logo
Leshan Radio Company
L2SC3356RWT1G LRC-L2SC3356RWT1G Datasheet
653Kb / 4P
The L2SC3356RWT1G is an NPN silicon epitaxial transistor
logo
Guangdong Youtai Semico...
817B UMW-817B Datasheet
2Mb / 5P
817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com