Electronic Components Datasheet Search
  English  ▼

X  

AM29DS323DT50WMIN Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29DS323DT50WMIN
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DS323DT50WMIN Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29DS323DT50WMIN Datasheet HTML 35Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 36Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 37Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 38Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 39Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 40Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 41Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 42Page - Advanced Micro Devices AM29DS323DT50WMIN Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
October 10, 2006 23480A5
Am29DS323D
37
D A TA
SH EE T
AC CHARACTERISTICS
Memory Array Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 16 for test specifications.
3. For data polling and toggle bit specifications, see “Data Polling and Toggle Bit” on page 44.
Parameter
Description
Test Setup
110
120
JEDEC
Std
Unit
t
AVAV
t
RC
Read Cycle Time (Note 1)
Min
110
120
ns
t
AVQV
t
ACC
Address to Output Delay
CE#, OE# = V
IL
Max
110
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
110
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
50
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
16
ns
t
AXQX
t
OH
Output Hold Time From Addresses, CE# or OE#,
Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold Time, Read Array (Note 1)
Min
0
ns
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 13.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com