Electronic Components Datasheet Search
  English  ▼

X  

DDZX9693TS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZX9693TS
Description  TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9693TS Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZX9693TS Datasheet HTML 1Page - Diodes Incorporated DDZX9693TS Datasheet HTML 2Page - Diodes Incorporated DDZX9693TS Datasheet HTML 3Page - Diodes Incorporated DDZX9693TS Datasheet HTML 4Page - Diodes Incorporated DDZX9693TS Datasheet HTML 5Page - Diodes Incorporated DDZX9693TS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pb
Lead-free
DS30412 Rev. 3 - 2
1 of 6
DDZX9689TS - DDZX9717TS
www.diodes.com
ã Diodes Incorporated
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Very Low Leakage Current
·
Lead Free By Design/RoHS Compliant (Note 5)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Mechanical Data
DDZX9689TS - DDZX9717TS
TRIPLE SURFACE MOUNT PRECISION
ZENER DIODE ARRAY
A
M
J
L
D
B C
H
K
G
F
KXX
C
3
C
1
C
2
A
2
A
3
A
1
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See diagram
·
Marking & Type Code Information: See Page 2 & Page 6
·
Ordering Information: See Page 6
·
Weight: 0.006 grams (approx.)
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our webs ite at
http://www.diodes.com/datasheets/ap02001.pdf.
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
D
1
D
2
D
3
TOP VIEW
SPICE MODELS: DDZX9689TS DDZX9690TS DDZX9691TS DDZX9692TS DDZX9693TS DDZX9694TS DDZX9696TS
DDZX9697TS DDZX9699TS DDZX9700TS DDZX9702TS DDZX9703TS DDZX9705TS DDZX9707TS DDZX9708TS DDZX9709TS
DDZX9711TS DDZX9712TS DDZX9713TS DDZX9714TS DDZX9715TS DDZX9716TS DDZX9717TS


Similar Part No. - DDZX9693TS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX9693TS DIODES-DDZX9693TS Datasheet
222Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
DS30412 Rev. 5 - 2
More results

Similar Description - DDZX9693TS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS Datasheet
174Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev 11
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com