Electronic Components Datasheet Search
  English  ▼

X  

PESD24VL1BA Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD24VL1BA
Description  300W peak pulse power (tp = 8/20μs)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PESD24VL1BA Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PESD24VL1BA Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PESD24VL1BA Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PESD24VL1BA Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PESD24VL1BA Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Outline Drawing – SOD323
Marking
1
2
Ordering information
Order code
Package
Base qty
Delivery mode
SOD323
3000
Tape and reel
DIMENSIONS
SYMBOL
MILLIMETER
INCHES
MIN
MAX
MIN
MAX
A
1.600
1.800
0.063
0.071
B
0.250
0.350
0.010
0.014
C
2.500
2.700
0.098
0.106
D
1.000
0.039
E
1.200
1.400
0.047
0.055
F
0.080
0.150
0.003
0.006
L
0.475 REF
0.019REF
L1
0.250
0.400
0.010
0.016
H
0.000
0.100
0.000
0.004
www.umw-ic.com
4
友台半导体有限公司
P
ESD24VL1BA
AF
UMW PESD24VL1BA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com