Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LM124
Description  Low power quad op amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM124 Datasheet(HTML) 6 Page - NXP Semiconductors

  LM124 Datasheet HTML 1Page - NXP Semiconductors LM124 Datasheet HTML 2Page - NXP Semiconductors LM124 Datasheet HTML 3Page - NXP Semiconductors LM124 Datasheet HTML 4Page - NXP Semiconductors LM124 Datasheet HTML 5Page - NXP Semiconductors LM124 Datasheet HTML 6Page - NXP Semiconductors LM124 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
LM124/224/324/324A/
SA534/LM2902
Low power quad op amps
1995 Nov 27
6
TYPICAL PERFORMANCE CHARACTERISTICS
OP05450S
OP05460S
OP05470S
OP05480S
OP05490S
OP05500S
TA = 0
oC to +125oC
TA = -55oC
4
3
2
1
0
0
10
20
30
40
SUPPLY VOLTAGE (VDC)
+V+ /2
V+
V2
IO
INDEPENDENT OF V+
TA = +25
oC
8
7
6
5
4
3
2
1
0.001
0.01
0.1
1
10
100
IO
+ – OUTPUT SOURCE CURRENT (mADC)
+
90
80
70
60
50
40
30
20
10
0
55 35 –15
5
25
45 65
85 105 125
TEMPERATURE (oC)
+
V+
10M
VO
0.1
µf
V+/2
VIN
V+ = 30 VDC AND
–55oC < TA < +125oC
V+ = 10 to 15 VDC AND
–55oC < TA < +125oC
140
120
100
80
60
40
20
0
1
10
100
1K
10K
100K 1M 10M
FREQUENCY (Hz)
160
120
80
40
0
0
10
20
30
40
SUPPLY VOLTAGE (VDC)
RL + 20 KΩ
RL + 2 KΩ
V+ /2
V+
IO
TA = +25
oC
V+ = +5 VDC
V+ = +15 VDC
V+ = +30 VDC
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
IO – OUTPUT SINK CURRENT (mADC)
VO
+
Supply Current
Output Characteristics
Current Sourcing
Current Limiting
Voltage Gain
Output Characteristics
Current Sinking
Open–Loop Frequency
Response
SL00067
Figure 3. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com