Electronic Components Datasheet Search
  English  ▼

X  

SF10 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SF10
Description  STRAP-ON TEMPERATURE SENSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SF10 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SF10 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SF10 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF00, SF10, SF20 STRAP-ON TEMPERATURE SENSORS – PRODUCT DATA
 
Manufactured for and on behalf of the Connected Building Division of Honeywell Technologies Sàrl, Rolle, Z.A. La Pièce 16, Switzerland by its Authorized Representative:
Home and Building Technologies
Honeywell GmbH
Böblinger Strasse 17
71101 Schönaich, Germany
Phone +49 (0) 7031 637 01
Fax
+49 (0) 7031 637 740
http://ecc.emea.honeywell.com
EN0B-0725GE51 R1219
Subject to change without notice
DIMENSIONS
80.8 (3.18)
63 (2.48)
55.3 (2.18)
Ø4 (0.16)
Fig. 1. Housing, dimensions in mm (inches)
MODELS
part
sensor type
operating temp.
IP rating
SF00-B54
Pt 1000
-30 … +110 °C
(-22 … +230 °F)
IP54
SF00-B65
Pt 1000
IP65
SF10-B54
NTC 10kΩ
IP54
SF10-B65
NTC 10kΩ
IP65
SF20-B54
NTC 20kΩ
IP54
SF20-B65
NTC 20kΩ
IP65
INSTALLATION
wiring run
max. length
sensor to controller
200 m (660 ft)
Offset due to wire resistance per 10 m of distance from
sensor to controller, when using the SF00-Bxx (Pt 1000):
type of wire
temperature offset Pt 1000
0.5 mm2 (AWG20)
0.18
C (0.324 F)
1.0 mm2 (AWG17)
0.09
C (0.162 F)
1.5 mm2 (AWG15)
0.06
C (0.108 F)
NOTE: Use shielded wiring in areas with high EMI.
Keep 15 cm (5.9’’) minimum distance between
sensor lines and 230 Vac power lines.
ELECTRICAL CONNECTION
The wiring of the temperature sensor must be in accordance
with the overall wiring circuit diagram.
The terminals are not polarized. Thus, connecting the wires in
reverse will not result in any malfunction.
Fig. 2. SF00, SF10, SF20 wiring



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com