Electronic Components Datasheet Search
  English  ▼

X  

AM29DL640D90EF Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29DL640D90EF
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D90EF Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29DL640D90EF Datasheet HTML 14Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 15Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 16Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 17Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 18Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 19Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 20Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 21Page - Advanced Micro Devices AM29DL640D90EF Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
16
Am29DL640D
December 13, 2005
The alternate method intended only for programming
equipment requires V
ID on address pin A9 and OE#.
This method is compatible with programmer routines
written for earlier 3.0 volt-only AMD flash devices.
The device is shipped with all sectors unprotected.
AMD offers the option of programming and protecting
sectors at its factory prior to shipping the device
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See the Autoselect Mode
section for details.
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting without using VID. This function is
one of two provided by the WP#/ACC pin.
If the system asserts V
IL on the WP#/ACC pin, the de-
vice disables program and erase functions in sectors
0, 1, 140, and 141, independently of whether those
sectors were protected or unprotected using the
method described in Sector/Sector Block Protection
and Unprotection.
If the system asserts VIH on the WP#/ACC pin, the de-
vice reverts to whether sectors 0, 1, 140, and 141
were last set to be protected or unprotected. That is,
sector protection or unprotection for these sectors de-
pend s on wheth er they we re last pr otected or
unprotected using the method described in Sec-
tor/Sector Block Protection and Unprotection.
Note that the WP#/ACC pin must not be left floating or
unconnected; inconsistent behavior of the device may
result.
Table 7.
WP#/ACC Modes
Temporary Sector Unprotect
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see
Table 6).
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to V
ID (8.5 V – 12.5 V). During this mode,
formerly protected sectors can be programmed or
erased by selecting the sector addresses. Once V
ID is
removed from the RESET# pin, all the previously pro-
tected sectors are protected again. Figure 1 shows the
algorithm, and Figure 25 shows the timing diagrams,
for this feature. If the WP#/ACC pin is at V
IL, sectors 0,
1, 140, and 141 remains protected during the Tempo-
rary sector Unprotect mode.
Figure 1.
Temporary Sector Unprotect Operation
WP# Input
Voltage
Device
Mode
V
IL
Disables programming and erasing in
SA0, SA1, SA140, and SA141
V
IH
Enables programming and erasing in
SA0, SA1, SA140, and SA141
V
HH
Enables accelerated programming
(ACC). See “Accelerated Program
Operation” on page 9.
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sectors unprotected (If WP#/ACC = V
IL,
sectors 0, 1, 140, and 141 remain protected).
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com