Electronic Components Datasheet Search
  English  ▼

X  

DDC142TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC142TH
Description  NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC142TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC142TH Datasheet HTML 1Page - Diodes Incorporated DDC142TH Datasheet HTML 2Page - Diodes Incorporated DDC142TH Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
Lead-free
DS30428 Rev. 3 - 2
1 of 3
DDC (LO-R1) H
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available
(DDA)
·
Built-In Biasing Resistors
·
Lead Free By Design/RoHS Compliant (Note 3)
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
L
B C
H
K
G
D
NXXYM
Mechanical Data
·
Case: SOT-563, Molded Plastic
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Terminal Connections: See Diagram
·
Weight: 0.005 grams (approx.)
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
R1
R1
R2
6
5
4
3
2
1
R2
R1
6
5
4
3
2
1
R1
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
DDC (LO-R1) H
NPN PRE-BIASED SMALL SIGNAL SOT-563
DUAL SURFACE MOUNT TRANSISTOR
SEE NOTE 1
Note:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).
2. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
P/N
R1 (NOM) R2 (NOM) MARKING
DDC122LH
DDC142JH
DDC122TH
DDC142TH
0.22K
W
0.47K
W
0.22K
W
0.47K
W
10K
W
10K
W
OPEN
OPEN
N81
N82
N83
N84
Characteristic
Symbol
Value
Unit
Supply Voltage (6) to (1) and (3) to (4)
VCC
50
V
Input Voltage (2) to (1) and (5) to (4)
DDC122LH
DDC142JH
VIN
-5 to +6
-5 to +6
V
Input Voltage (1) to (2) and (4) to (5)
DDC122TH
DDC142TH
VEBO (MAX)
5V
Output Current
All
IC
100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 2)
RqJA
833
°C/W
SPICE MODELS: DDC122LH DDC142JH DDC122TH DDC142TH


Similar Part No. - DDC142TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC142TH DIODES-DDC142TH Datasheet
168Kb / 3P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30428 Rev. 4 - 2
More results

Similar Description - DDC142TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC124EK DIODES-DDC124EK Datasheet
85Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR
DS30348 Rev. 2 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDA124EH DIODES-DDA124EH Datasheet
83Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDC124EH DIODES-DDC124EH Datasheet
73Kb / 4P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 1 - 2
DCX124EH DIODES-DCX124EH Datasheet
99Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DCX122LH DIODES-DCX122LH Datasheet
87Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 2 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDC124EH DIODES-DDC124EH_1 Datasheet
88Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30421 Rev. 3 - 2
DCX124EH DIODES-DCX124EH_1 Datasheet
107Kb / 6P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 2 - 2
DDA122LH DIODES-DDA122LH Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 3 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com