Electronic Components Datasheet Search
  English  ▼

X  

DDZ22DS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZ22DS
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ22DS Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZ22DS Datasheet HTML 1Page - Diodes Incorporated DDZ22DS Datasheet HTML 2Page - Diodes Incorporated DDZ22DS Datasheet HTML 3Page - Diodes Incorporated DDZ22DS Datasheet HTML 4Page - Diodes Incorporated DDZ22DS Datasheet HTML 5Page - Diodes Incorporated DDZ22DS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS30414 Rev. 4 - 2
4 of 6
DDZ5V1BS - DDZ43S
www.diodes.com
0.1
10
100
1
1000
10,000
12
13
14
15
16
17
18
V , ZENER VOLTAGE (V)
Fig. 11 Typical Zener Impedance Characteristics,
DDZ12CS - DDZ18CS
Z
I= 5mA
Z
I= 1mA
Z
0.1
10
100
1
1000
10,000
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12
V , ZENER VOLTAGE (V)
Fig. 10 Typical Zener Impedance Characteristics,
DDZ5V6BS - DDZ12CS
Z
I= 1mA
Z
I= 5mA
Z
I = 20mA
Z
38
42
46
50
V , ZENER BREAKDOWN VOLTAGE (V)
Fig. 9 Typical Reverse Characteristics,
DDZ39FS - DDZ43S
Z
40
44
48
DDZ39FS
1m
100n
10m
100m
DDZ43S
26
30
34
38
V , ZENER BREAKDOWN VOLTAGE (V)
Fig. 8 Typical Reverse Characteristics, DDZ27DS - DDZ36S
Z
28
32
36
DDZ27DS
DDZ33S
1m
100n
10m
100m
DDZ36S
14
16
18
20
V , ZENER BREAKDOWN VOLTAGE (V)
Fig.6 Typical Reverse Characteristics, DDZ15S - DDZ18CS
Z
15
17
19
DDZ16S
DDZ15S
1m
100n
10m
100m
DDZ18CS
19
21
23
25
V , ZENER BREAKDOWN VOLTAGE (V)
Fig.7 Typical Reverse Characteristics, DDZ20CS - DDZ24CS
Z
20
22
24
DDZ20CS
DDZ22DS
DDZ24CS
1m
100n
10m
100m



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com