Electronic Components Datasheet Search
  English  ▼

X  

A160CT10VC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # A160CT10VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

A160CT10VC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button A160CT10VC Datasheet HTML 7Page - Advanced Micro Devices A160CT10VC Datasheet HTML 8Page - Advanced Micro Devices A160CT10VC Datasheet HTML 9Page - Advanced Micro Devices A160CT10VC Datasheet HTML 10Page - Advanced Micro Devices A160CT10VC Datasheet HTML 11Page - Advanced Micro Devices A160CT10VC Datasheet HTML 12Page - Advanced Micro Devices A160CT10VC Datasheet HTML 13Page - Advanced Micro Devices A160CT10VC Datasheet HTML 14Page - Advanced Micro Devices A160CT10VC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
January 23, 2007 21635C5
Am29SL160C
9
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. Table 1 lists the device bus
operations, the inputs and control levels they require,
and the resulting output. The following subsections
describe each of these operations in further detail.
Table 1.
Am29SL160C Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10 ± 1.0 V, VHH = 10 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In,
DOUT = Data Out
Notes:
1. Addresses are A19:A0 in word mode (BYTE# = VIH), A19:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See “Sector/Sector
Block Protection and Unprotection” on page 15.
3. If WP#/ACC = VIL, the two outermost boot sectors are protected. If WP#/ACC = VIH, the two outermost boot sectors are
protected or unprotected as previously set by the system. If WP#/ACC = V
HH, all sectors, including the two outermost boot
sectors, are unprotected.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to V
IL. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins. WE#
should remain at V
IH. The BYTE# pin deter mines
whether the device outputs array data in words or
bytes.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No
command is necessary in this mode to obtain array
Operation
CE#
OE# WE# RESET# WP#/ACC
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= V
IH
BYTE#
= V
IL
Read
L
L
H
H
X
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
(Program/Erase)
L
H
L
H
(Note 3)
AIN
DIN
DIN
Standby
VCC ±
0.2 V
XX
VCC ±
0.2 V
X
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
High-Z
High-Z
High-Z
Sector Protect
(Note 2)
LH
L
V
ID
X
Sector Address,
A6 = L, A1 = H,
A0 = L
D
IN
XX
Sector Unprotect
(Note 2)
LH
L
V
ID
(Note 3)
Sector Address,
A6 = H, A1 = H,
A0 = L
D
IN
XX
Temporary Sector
Unprotect
XX
X
VID
(Note 3)
AIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com