Electronic Components Datasheet Search
  English  ▼

X  

A160CB10VC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # A160CB10VC
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

A160CB10VC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button A160CB10VC Datasheet HTML 6Page - Advanced Micro Devices A160CB10VC Datasheet HTML 7Page - Advanced Micro Devices A160CB10VC Datasheet HTML 8Page - Advanced Micro Devices A160CB10VC Datasheet HTML 9Page - Advanced Micro Devices A160CB10VC Datasheet HTML 10Page - Advanced Micro Devices A160CB10VC Datasheet HTML 11Page - Advanced Micro Devices A160CB10VC Datasheet HTML 12Page - Advanced Micro Devices A160CB10VC Datasheet HTML 13Page - Advanced Micro Devices A160CB10VC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
8
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29SL160C
T
-100
E
C
N
STANDARD PROCESSING
N = SecSi Sector factory-locked with random ESN
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
I = Industrial (–40
°C to +85°C)
D = Commercial (0oC to +70oC) with Pb-free Package
F = Industrial (-40oC to +85oC) with Pb-free Package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
WC =
48-ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 9 mm package (FBC048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T = Top sector
B = Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29SL160C
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29SL160CT-100,
AM29SL160CB-100
EC, EI
ED, EF
AM29SL160CT-120,
AM29SL160CB-120
AM29SL160CT-150,
AM29SL160CB-150
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29SL160CT-100,
AM29SL160CB-100
WCC,
WCI,
WCD,
WCF
A160CT10V,
A160CB10V
C, I,
D, F
AM29SL160CT-120,
AM29SL160CB-120
A160CT12V,
A160CB12V
AM29SL160CT-150,
AM29SL160CB-150
A160CT15V,
A160CB15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com