Electronic Components Datasheet Search
  English  ▼

X  

LM311 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LM311
Description  Voltage comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM311 Datasheet(HTML) 1 Page - NXP Semiconductors

  LM311 Datasheet HTML 1Page - NXP Semiconductors LM311 Datasheet HTML 2Page - NXP Semiconductors LM311 Datasheet HTML 3Page - NXP Semiconductors LM311 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
LM111/211/311/
LM311B
Voltage comparator
273
August 31, 1994
853-0927 13721
DESCRIPTION
The LM111 series are voltage comparators that have input currents
approximately a hundred times lower than devices like the
µA710.
They are designed to operate over a wider range of supply voltages;
from standard
±15V op amp supplies down to a single 3V supply.
Their output is compatible with RTL, DTL, and TTL as well as MOS
circuits. Further, they can drive lamps or relays, switching voltages
up to 50V at currents as high as 50mA.
Both the inputs and the outputs of the LM111 series can be isolated
from system ground, and the output can drive loads referred to
ground, the positive supply, or the negative supply. Offset balancing
and strobe capability are provided and outputs can be wire-ORed.
Although slower than the
µA710 (200ns response time vs 40ns), the
devices are also much less prone to spurious oscillations. The LM111
series has the same pin configuration as the
µA710 series.
FEATURES
• Operates from single 3V supply (LM311B)
• Maximum input bias current: 150nA (LM311—250nA)
• Maximum offset current: 20nA (LM311—50nA)
• Differential input voltage range: ±30V
• Power consumption: 135mW at ±15V
• High sensitivity—200V/mV
• Zero crossing detector
PIN CONFIGURATION
1
2
3
4
5
6
7
8
D, FE, N PACKAGES
GND
INPUT
INPUT
V–
V+
OUTPUT
BAL/STROBE
BALANCE
+
–
APPLICATIONS
• Precision squarer
• Positive/negative peak detector
• Low voltage adjustable reference supply
• Switching power amplifier
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
LM111N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-25
°C to +85°C
LM211N
0404B
8-Pin Plastic Small Outline Package (SO)
0 to +70
°C
LM311D
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM311N
0404B
8-Pin Plastic Small Outline Package (SO)
-25
°C to +85°C
LM211D
0174C
8-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
LM111FE
0580A
8-Pin Plastic Small Outline Package (SO)
0 to +70
°C
LM311BD
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM311BN
0404B


Similar Part No. - LM311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM311 NSC-LM311 Datasheet
1Mb / 23P
Voltage Comparator
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
STMicroelectronics
LM311 STMICROELECTRONICS-LM311 Datasheet
236Kb / 14P
Voltage comparator with strobe
Sep-2006
logo
Fairchild Semiconductor
LM311 FAIRCHILD-LM311 Datasheet
99Kb / 10P
Single Comparator
logo
Linear Technology
LM311 LINER-LM311 Datasheet
467Kb / 8P
Voltage Comparator
More results

Similar Description - LM311

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com