Electronic Components Datasheet Search
  English  ▼

X  

BAV199W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV199W
Description  DUAL SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV199W Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV199W Datasheet HTML 1Page - Diodes Incorporated BAV199W Datasheet HTML 2Page - Diodes Incorporated BAV199W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30462 Rev. 5 - 2
1 of 3
BAV199W
www.diodes.com
ã Diodes Incorporated
BAV199W
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
·
Case: SOT-323
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Matte Tin Finish annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Marking: K52 & Date Code (See Page 2)
·
Weight: 0.006 grams (approximate)
Mechanical Data
Features
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 2)
Single diode
Double diode
IFM
160
140
mA
Repetitive Peak Forward Current (Note 2)
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Power Dissipation (Note 2)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
625
°
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Short duration test pulse to minimize self-heating effect.
2. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
85
¾
¾
V
IR = 100mA
Forward Voltage
VF
¾
¾
0.90
1.0
1.1
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 1)
IR
¾
¾
5.0
80
nA
nA
VR = 75V
VR = 75V, Tj = 150°C
Total Capacitance
CT
¾
2
¾
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
¾
3.0
m
s
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Surface Mount Package Ideally Suited for Automatic Insertion
·
Very Low Leakage Current
·
Lead Free By Design/RoHS Compliant (Note 3)
·
"Green Device" (Note 4)
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0°
8°
All Dimensions in mm
A
M
J
L
E
D
B
C
H
K
G
TOP VIEW
SPICE MODELS: BAV199W


Similar Part No. - BAV199W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199W PHILIPS-BAV199W Datasheet
56Kb / 8P
Low-leakage double diode
1999 May 11
logo
Pan Jit International I...
BAV199W PANJIT-BAV199W Datasheet
56Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
NXP Semiconductors
BAV199W NXP-BAV199W Datasheet
226Kb / 8P
Low-leakage double diode
1999 May 11
logo
Diodes Incorporated
BAV199W DIODES-BAV199W Datasheet
116Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
More results

Similar Description - BAV199W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
BAV199 DIODES-BAV199_1 Datasheet
355Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 6 - 2
logo
Galaxy Semi-Conductor H...
BAV199 BILIN-BAV199 Datasheet
171Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170 Datasheet
106Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30234 Rev. 9 - 2
BAV199W DIODES-BAV199W_08 Datasheet
116Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
BAV170 DIODES-BAV170_15 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 11
BAV199 DIODES-BAV199_15 Datasheet
85Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 9
logo
Unisonic Technologies
BAV199 UTC-BAV199_15 Datasheet
117Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
Diode Semiconductor Kor...
BAV199 DSK-BAV199 Datasheet
218Kb / 3P
Dual surface mount low leakage diode
logo
Diodes Incorporated
BAV170 DIODES-BAV170_18 Datasheet
290Kb / 4P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com