Electronic Components Datasheet Search
  English  ▼

X  

SDA006 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDA006
Description  DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA006 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDA006 Datasheet HTML 1Page - Diodes Incorporated SDA006 Datasheet HTML 2Page - Diodes Incorporated SDA006 Datasheet HTML 3Page - Diodes Incorporated SDA006 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30559 Rev. 3 - 2
1 of 4
SDA006
www.diodes.com
ã Diodes Incorporated
SDA006
DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE
BRIDGE RECTIFIER
·
Case: SOT-363
·
Case Material: Molded Plastic, "Green" Molding
Compound
. UL Flammability Classification Rating 94V-0
(Note 4)
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Matte Tin annealed over Alloy 42
Leadframe. Solderable per MIL-STD-202, Method 208
·
Ordering Information, See Page 3
·
Marking: JAC (See Page 3)
·
Weight: 0.006 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
F
TOP VIEW
DC
V
+
CC
DC
V
+
CC
AC
DL
3
3
/
/
/
/
/
/
DL
AC
1
1
DL
AC
2
2
GND
DC-
Features
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.80
2.20
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8
°
All Dimensions in mm
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For 3-Phase Full Wave Bridge Rectification, or 3 Dataline
Rail Clamp
·
Lead Free By Design/RoHS Compliant (Note 3)
·
"Green" Device (Note 4)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
215
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
0.5
A
Clamping Voltage (Note 6) @ Ipp = 14.5A
8x20
ms Waveform
VC
16
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Power Dissipation (Note 2)
Pd
300
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
IEC Compatibility
·
61000-4-2 (ESD) Air-10kV Contact-8kV
·
61000-4-5 (Surge) 8x20
ms, 14.5 Amperes
(Note 5)
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Tested with VCC connected to Ground to simulate appropriate VCC decoupling to Ground.
6. Reference to VCC or Ground.
SPICE MODEL: SDA006


Similar Part No. - SDA006

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDA006 DIODES-SDA006 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
SDA006-7 DIODES-SDA006-7 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
SDA006 DIODES-SDA006_08 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
SDA006 DIODES-SDA006_15 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
More results

Similar Description - SDA006

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MTH200 MICROSEMI-MTH200 Datasheet
105Kb / 2P
3 PHASE FULL WAVE BRIDGE RECTIFIER
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006 Datasheet
86Kb / 3P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 3 - 2
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85 Datasheet
130Kb / 3P
DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Sensitron
SCP-5911 SENSITRON-SCP-5911 Datasheet
101Kb / 3P
3 Phase Full Wave Bridge Rectifier Module
logo
Diodes Incorporated
SDA006 DIODES-SDA006_08 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
DLPA006 DIODES-DLPA006_08 Datasheet
143Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 8 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85_08 Datasheet
150Kb / 3P
DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006_15 Datasheet
143Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
SDA006 DIODES-SDA006_15 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com