Electronic Components Datasheet Search
  English  ▼

X  

L652DU90RF Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # L652DU90RF
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L652DU90RF Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button L652DU90RF Datasheet HTML 41Page - Advanced Micro Devices L652DU90RF Datasheet HTML 42Page - Advanced Micro Devices L652DU90RF Datasheet HTML 43Page - Advanced Micro Devices L652DU90RF Datasheet HTML 44Page - Advanced Micro Devices L652DU90RF Datasheet HTML 45Page - Advanced Micro Devices L652DU90RF Datasheet HTML 46Page - Advanced Micro Devices L652DU90RF Datasheet HTML 47Page - Advanced Micro Devices L652DU90RF Datasheet HTML 48Page - Advanced Micro Devices L652DU90RF Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
May 5, 2006 24961A5
Am29LV652D
43
D A TA
SH EE T
AC CHARACTERISTICS
OE#
CE# or CE2#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555 h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Note: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status” on page 31
Figure 17.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com