Electronic Components Datasheet Search
  English  ▼

X  

TPSMA Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # TPSMA
Description  12 To 100V 400W Surface Mount Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TPSMA Datasheet(HTML) 1 Page - UN Semiconducctor INC

  TPSMA Datasheet HTML 1Page - UN Semiconducctor INC TPSMA Datasheet HTML 2Page - UN Semiconducctor INC TPSMA Datasheet HTML 3Page - UN Semiconducctor INC TPSMA Datasheet HTML 4Page - UN Semiconducctor INC TPSMA Datasheet HTML 5Page - UN Semiconducctor INC TPSMA Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
TVS diodes can be used in a wide range of applications which like
consumer electronic products, automotive industries,munitions,
telecommunications, aerospace industries, and intelligent control
systems.
Working Voltage: 12 to 100V
Peak Pulse Power: 400W
TPSMA Series
Features
Description
ROHS
Revision March 1,2022
Surface Mount Transient Voltage Suppressors
www.unsemi.com.tw
12 To 100V 400W
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/5
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method 2026
Polarity: Color band denotes cathode end except
Bipolar
Mounting position: Any
Glass passivated chip
400W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle):0.01%
High reliability application and automotive grade AEC Q101
qualified
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant
Applications
TVS devices are ideal for the protection of I/O interfaces, VCC bus
and other vulnerable circuits used in Telecom, Computer, Industrial
and Consumer electronic applications.
Note: (1) Non-repetitive current pulse per Fig.5 and derated above TA= 25℃per Fig.1
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
Maximum Ratings and Thermal Characteristics(TA=25℃ unless otherwise noted)
400
1.0
See Next Table
- 55 to +150
- 55 to +150
3.5
40
PPPM
PD
IPP
TJ , TSTG
TOP
VF
IFSM
Peak power dissipation with a 10/1000μs waveform(1)
Power Dissipation on Infinite Heat Sink at TL=75°C
Peak pulse current with a 10/1000μs waveform(1)
Junction and storage temperature range
Operating storage temperature range
Maximum Instantaneous Forward Voltage at 25A for Unidirectional
Peak forward surge current, 8.3 ms single half sine-wave unidirectional only(2)
W
W
A
°C
°C
V
A
Parameter
Symbol
Value
Unit
Uni-directional
Bi-directional


Similar Part No. - TPSMA

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMA ANOVA-TPSMA Datasheet
383Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMA LUGUANG-TPSMA Datasheet
737Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
TPSMA10 VISHAY-TPSMA10 Datasheet
36Kb / 3P
Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA10 VISHAY-TPSMA10 Datasheet
99Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
20-Sep-07
TPSMA10 VISHAY-TPSMA10 Datasheet
100Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
More results

Similar Description - TPSMA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
SMAXX E-CMOS-SMAXX Datasheet
224Kb / 5P
400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
logo
Taiwan Semiconductor Co...
PGSMAJ10A TSC-PGSMAJ10A Datasheet
213Kb / 6P
400W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
UN Semiconducctor INC
4.0SMF UNSEMI-4.0SMF Datasheet
3Mb / 6P
3.3 To 48V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
TPSMAJ UNSEMI-TPSMAJ Datasheet
2Mb / 6P
10 To 85V 400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com