Electronic Components Datasheet Search
  English  ▼

X  

TPSMB10J Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # TPSMB10J
Description  15 To 40V 1000W Surface Mount Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TPSMB10J Datasheet(HTML) 2 Page - UN Semiconducctor INC

  TPSMB10J Datasheet HTML 1Page - UN Semiconducctor INC TPSMB10J Datasheet HTML 2Page - UN Semiconducctor INC TPSMB10J Datasheet HTML 3Page - UN Semiconducctor INC TPSMB10J Datasheet HTML 4Page - UN Semiconducctor INC TPSMB10J Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
Marking
Uni
Bi
TPSMB10J Series
15 To 40V 1000W
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics (@25℃ Unless Otherwise Specified)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/4
Note: (1)Add suffix ' CA ' after part number to specify Bi-directional devices
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 2 - Pulse Derating Curve
Figure 1 - Pulse Waveform
T - Time (ms)
Half Value
IPPM (IPPM/2)
10/1000µsec. Waveform
as defined by R.E.A
Peak Value
IPPM
TR=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150
15.0
16.0
17.0
18.0
19.0
20.0
22.0
24.0
26.0
28.0
30.0
33.0
36.0
40.0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
24.4
26.0
27.6
29.2
30.8
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
TPSMB10J15A
TPSMB10J16A
TPSMB10J17A
TPSMB10J18A
TPSMB10J19A
TPSMB10J20A
TPSMB10J22A
TPSMB10J24A
TPSMB10J26A
TPSMB10J28A
TPSMB10J30A
TPSMB10J33A
TPSMB10J36A
TPSMB10J40A
TPSMB10J15CA
TPSMB10J16CA
TPSMB10J17CA
TPSMB10J18CA
TPSMB10J19CA
TPSMB10J20CA
TPSMB10J22CA
TPSMB10J24CA
TPSMB10J26CA
TPSMB10J28CA
TPSMB10J30CA
TPSMB10J33CA
TPSMB10J36CA
TPSMB10J40CA
PALM
PALP
PALR
PALT
PALB
PALV
PALX
PALZ
PAME
PAMG
PAMK
PAMM
PAMP
PAMR
DABM
DABP
DABR
DABT
DABB
DABV
DABX
DABZ
DACE
DACG
DACK
DACM
DACP
DACR
16.70
17.80
18.90
20.00
21.10
22.20
24.40
26.70
28.90
31.10
33.30
36.70
40.00
44.40
18.50
19.70
20.90
22.10
23.30
24.50
26.90
29.50
31.90
34.40
36.80
40.60
44.20
49.10
40.98
38.46
36.23
34.25
32.49
30.86
28.17
25.71
23.75
22.03
20.66
18.76
17.21
15.50
TA-Ambient temperature(°C)
0
25
50
75
100 125 150 175
0
20
40
60
80
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com