Electronic Components Datasheet Search
  English  ▼

X  

DL161 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # DL161
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL161 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button DL161 Datasheet HTML 15Page - Advanced Micro Devices DL161 Datasheet HTML 16Page - Advanced Micro Devices DL161 Datasheet HTML 17Page - Advanced Micro Devices DL161 Datasheet HTML 18Page - Advanced Micro Devices DL161 Datasheet HTML 19Page - Advanced Micro Devices DL161 Datasheet HTML 20Page - Advanced Micro Devices DL161 Datasheet HTML 21Page - Advanced Micro Devices DL161 Datasheet HTML 22Page - Advanced Micro Devices DL161 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 128 page
background image
February 6, 2004
Am42DL16x2D
17
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended to automatically match a
device to be programmed with its corresponding pro-
gramming algorithm. However, the autoselect codes
can also be accessed in-system through the command
register.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 14. This method
does not require V
ID. Refer to the Autoselect Com-
mand Sequence section for more information.
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Tables
8 and 9).
Table 8.
Top Boot Sector/Sector Block Addresses
for Protection/Unprotection
Table 9.
Bottom Boot Sector/Sector Block
Addresses for Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both
program and erase operations in previously protected
sectors. Sector protection and unprotection can be im-
plemented as follows.
Sector protection/unprotection requires V
ID on the RE-
SET# pin only, and can be implemented either
in-system or via programming equipment. Figure 2
shows the algorithms and Figure 26 shows the timing
diagram. This method uses standard microprocessor
bus cycle timing. For sector unprotect, all unprotected
sectors must first be protected prior to the first sector
unprotect write cycle. Note that the sector unprotect
algorithm unprotects all sectors in parallel. All previ-
ous ly pr otec ted s e cto r s m u st b e i n div i dua lly
re-protected. To change data in protected sectors effi-
Sector / Sector
Block
A19–A12
Sector / Sector Block Size
SA0
00000XXX
64 Kbytes
SA1-SA3
00001XXX,
00010XXX,
00011XXX
192 (3x64) Kbytes
SA4-SA7
001XXXXX
256 (4x64) Kbytes
SA8-SA11
010XXXXX
256 (4x64) Kbytes
SA12-SA15
011XXXXX
256 (4x64) Kbytes
SA16-SA19
100XXXXX
256 (4x64) Kbytes
SA20-SA23
101XXXXX
256 (4x64) Kbytes
SA24-SA27
110XXXXX
256 (4x64) Kbytes
SA28-SA30
11100XXX,
11101XXX,
11110XXX
192 (3x64) Kbytes
SA31
11111000
8 Kbytes
SA32
11111001
8 Kbytes
SA33
11111010
8 Kbytes
SA34
11111011
8 Kbytes
SA35
11111100
8 Kbytes
SA36
11111101
8 Kbytes
SA37
11111110
8 Kbytes
SA38
11111111
8 Kbytes
Sector / Sector
Block
A19–A12
Sector / Sector Block Size
SA38
11111XXX
64 Kbytes
SA37-SA35
11110XXX,
11101XXX,
11100XXX
192 (3x64) Kbytes
SA34-SA31
110XXXXX
256 (4x64) Kbytes
SA30-SA27
101XXXXX
256 (4x64) Kbytes
SA26-SA23
100XXXXX
256 (4x64) Kbytes
SA22-SA19
011XXXXX
256 (4x64) Kbytes
SA18-SA15
010XXXXX
256 (4x64) Kbytes
SA14-SA11
001XXXXX
256 (4x64) Kbytes
SA10-SA8
00001XXX,
00010XXX,
00011XXX
192 (3x64) Kbytes
SA7
00000111
8 Kbytes
SA6
00000110
8 Kbytes
SA5
00000101
8 Kbytes
SA4
00000100
8 Kbytes
SA3
00000011
8 Kbytes
SA2
00000010
8 Kbytes
SA1
00000001
8 Kbytes
SA0
00000000
8 Kbytes
Sector / Sector
Block
A19–A12
Sector / Sector Block Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com