Electronic Components Datasheet Search
  English  ▼

X  

DL164 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # DL164
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL164 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button DL164 Datasheet HTML 70Page - Advanced Micro Devices DL164 Datasheet HTML 71Page - Advanced Micro Devices DL164 Datasheet HTML 72Page - Advanced Micro Devices DL164 Datasheet HTML 73Page - Advanced Micro Devices DL164 Datasheet HTML 74Page - Advanced Micro Devices DL164 Datasheet HTML 75Page - Advanced Micro Devices DL164 Datasheet HTML 76Page - Advanced Micro Devices DL164 Datasheet HTML 77Page - Advanced Micro Devices DL164 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
February 6, 2004
Am42DL16x2D
9
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am42DL16x
2
D
T
70
I
T
TAPE AND REEL
T
=
7 inches
S=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
FLASH SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top Sector
B
=
Bottom Sector
FLASH PROCESS TECHNOLOGY
D
=
0.23 µm, CS49S
SRAM DEVICE DENSITY
2=
2 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am42DL16x2D
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am42DL1612DT70I
Am42DL1612DB70I
T, S
M42000000I
M42000000J
Am42DL1612DT85I
Am42DL1612DB85I
M42000000K
M42000000L
Am42DL1622DT70I
Am42DL1622DB70I
M42000000M
M42000000N
Am42DL1622DT85I
Am42DL1622DB85I
M42000000O
M42000000P
Am42DL1632DT70I
Am42DL1632DB70I
M42000000Q
M42000000R
Am42DL1632DT85I
Am42DL1632DB85I
M42000000S
M42000000T
Am42DL1642DT70I
Am42DL1642DB70I
M420000004
M420000005
Am42DL1642DT85I
Am42DL1642DB85I
M420000006
M420000007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com