Electronic Components Datasheet Search
  English  ▼

X  

DL164 Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # DL164
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL164 Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button DL164 Datasheet HTML 113Page - Advanced Micro Devices DL164 Datasheet HTML 114Page - Advanced Micro Devices DL164 Datasheet HTML 115Page - Advanced Micro Devices DL164 Datasheet HTML 116Page - Advanced Micro Devices DL164 Datasheet HTML 117Page - Advanced Micro Devices DL164 Datasheet HTML 118Page - Advanced Micro Devices DL164 Datasheet HTML 119Page - Advanced Micro Devices DL164 Datasheet HTML 120Page - Advanced Micro Devices DL164 Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 128 page
background image
52
Am42DL16x2D
February 6, 2004
AC CHARACTERISTICS
Figure 29.
SRAM Read Cycle
Notes:
1. WE# = VIH, if CIOs is low, ignore UB#s/LB#s timing.
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
2. At any given temperature and voltage condition, t
HZ (Max.) is less than tLZ (Min.) both for a given device and from device to device
interconnection.
Data Valid
High-Z
tRC
CE#1s
Address
OE#
Data Out
tOH
tAA
tCO1
tOE
tOLZ
tBLZ
tLZ
tOHZ
tHZ
CE2s
tCO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com