Electronic Components Datasheet Search
  English  ▼

X  

SD18 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SD18
Description  Unidirectional TVS Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SD18 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SD18 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SD18 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SD18 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
·
·
·
·
·
·
·
MACHANICAL DATA
·
·
·
APPLICATIONS
·
·
·
·
·
·
·
·
ABSOLUTE MAXIMUM RATING
ABSOLUTE MAXIMUM RATING
SD03 THRU SD36
1
2
UMW
R
■
■
■
■
■
■
■
·
·
■
■
■
■
■
■
■
■
·
·
·
■
■
■
www.umw-ic.com
1
友台半导体有限公司


Similar Part No. - SD18

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SD18 BILIN-SD18 Datasheet
196Kb / 3P
Single Line TVS Diode
Rev.A
logo
SHIKUES Electronics
SD18 SKTECHNOLGY-SD18 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD18 LEIDITECH-SD18 Datasheet
413Kb / 3P
Standard Capacitance TVS Diode
logo
AiT Semiconductor Inc.
SD18 AITSEMI-SD18 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
DAESAN ELECTRONIC CORP.
SD18 DAESAN-SD18 Datasheet
395Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SD18

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Shanghai Leiditech Elec...
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com