Electronic Components Datasheet Search
  English  ▼

X  

DP350T05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DP350T05
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DP350T05 Datasheet(HTML) 2 Page - Diodes Incorporated

  DP350T05 Datasheet HTML 1Page - Diodes Incorporated DP350T05 Datasheet HTML 2Page - Diodes Incorporated DP350T05 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30624 Rev. 6 - 2
2 of 3
DP350T05
www.diodes.com
ã Diodes Incorporated
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-350
¾
V
IC = -100
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-350
¾
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
IE = -10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-50
nA
VCB = -200V, IE = 0
Collector Cutoff Current
IEBO
¾
-50
nA
VCE = -3.0V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
20
30
30
20
15
¾
¾
200
200
¾
¾
IC = -1.0mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -30mA, VCE = -10V
IC = -50mA, VCE = -10V
IC = -100mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
¾
¾
¾
-0.30
-0.35
-0.50
-1.0
V
IC = -10mA, IB = -1.0mA
IC = -20mA, IB = -2.0mA
IC = -30mA, IB = -3.0mA
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
¾
¾
-0.75
-0.85
-0.90
V
IC = -10mA, IB = -1.0mA
IC = -20mA, IB = -2.0mA
IC = -30mA, IB = -3.0mA
Base-Emitter On Voltage
VBE(ON)
¾
-2.0
V
IC = -100mA, VCE = -10V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
7.0
pF
VCB = -20V, f = 1.0MHz, IE = 0
Transition Frequency
fT
50
¾
MHz
VCE = -10V, IC = -20mA
Electrical Characteristics @ TA = 25°C unless otherwise specified
Note:
4. Short duration test pulse used to minimize self-heating effect.
Note:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
DP350T05-7
SOT-23
3000/Tape & Reel
Ordering Information (Note 5)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
K3U = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: S = 2005
M = Month ex: 9 = September
K3U
Marking Information
Year
2005
2006
2007
2008
2009
Code
ST
UV
W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com