Electronic Components Datasheet Search
  English  ▼

X  

DF25NA100 Datasheet(PDF) 1 Page - RFE international

Part # DF25NA100
Description  Three Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

DF25NA100 Datasheet(HTML) 1 Page - RFE international

  DF25NA100 Datasheet HTML 1Page - RFE international DF25NA100 Datasheet HTML 2Page - RFE international DF25NA100 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL recognition, file #E230084
I Thin single in-line package
High surge current capability
Solder dip 275 °C max. 7 s, per JESD 22-B106
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
Package:TSB-5
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
PARAMETER
SYMBOL UNIT
DF25NA80
DF25NA100
DF25NA160
Device marking code
DF25NA80
DF25NA100
DF25NA160
Repetitive Peak Reverse Voltage
VRRM
V
800
1000
1600
Average Rectified Output Current @60Hz sine
wave, R-load,With heatsink
Tc =87
IO
A
25
Surge(Non-repetitive)Forward Current @60HZ
half-sine wave, 1 cycle, Tj=25
IFSM
A
400
Current Squared Time @1ms t<8.3ms Tj=25
Rating of per diode
I2t
A2S
666
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+150
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
DF25NA80
DF25NA100
DF25NA160
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=12.5A
1.1
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
A VRM=VRRM
10
+ ~ ~ ~
Three Phase Bridge Rectifiers
DF25NA80 Through DF25NA160
TSB-5
03-02-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Ta=25 Unless otherwise specified
(Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
DF25NA80
DF25NA100
DF25NA160
Thermal
Resistance
Between junction
and case, With
heatsink
R J-C
/W
1.2
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified


Similar Part No. - DF25NA100

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
DF25NA80 YANGJIE-DF25NA80 Datasheet
111Kb / 2P
Bridge Rectifier
More results

Similar Description - DF25NA100

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBR5008W HY-SBR5008W Datasheet
155Kb / 3P
THREE PHASE BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
S3PDB25XX SIRECTIFIER-S3PDB25XX Datasheet
427Kb / 2P
Three Phase Bridge Rectifiers
S3PDB35NXX SIRECTIFIER-S3PDB35NXX Datasheet
439Kb / 3P
Three Phase Bridge Rectifiers
logo
Yangzhou yangjie electr...
MT3516A YANGJIE-MT3516A Datasheet
157Kb / 4P
Three Phase Bridge Rectifiers
logo
Insel Rectifier India P...
PTB-450 IRI-PTB-450 Datasheet
287Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
PTB450 IRI-PTB450 Datasheet
287Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
PTB-600 IRI-PTB-600 Datasheet
280Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
PTB900 IRI-PTB900 Datasheet
285Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
SKBPC3504 LUGUANG-SKBPC3504_V01 Datasheet
892Kb / 3P
Three Phase Bridge Rectifiers
logo
RFE international
SKBPC1504 RFE-SKBPC1504 Datasheet
2Mb / 3P
Three Phase Bridge Rectifiers
12-14-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com