Electronic Components Datasheet Search
  English  ▼

X  

L800BB70VC Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # L800BB70VC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BB70VC Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button L800BB70VC Datasheet HTML 31Page - Advanced Micro Devices L800BB70VC Datasheet HTML 32Page - Advanced Micro Devices L800BB70VC Datasheet HTML 33Page - Advanced Micro Devices L800BB70VC Datasheet HTML 34Page - Advanced Micro Devices L800BB70VC Datasheet HTML 35Page - Advanced Micro Devices L800BB70VC Datasheet HTML 36Page - Advanced Micro Devices L800BB70VC Datasheet HTML 37Page - Advanced Micro Devices L800BB70VC Datasheet HTML 38Page - Advanced Micro Devices L800BB70VC Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Am29LV800B
33
AC CHARACTERISTICS
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
Parameter
Speed Options
JEDEC
Std
Description
-70
-90
-120
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
120
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
50
ns
tDVWH
tDS
Data Setup Time
Min
35
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
35
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1 Programming Operation (Note 2)
Byte
Typ
9
µs
Word
Typ
11
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
Typ
0.7
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
Min
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Min
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com