Electronic Components Datasheet Search
  English  ▼

X  

M420000007 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # M420000007
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M420000007 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button M420000007 Datasheet HTML 49Page - Advanced Micro Devices M420000007 Datasheet HTML 50Page - Advanced Micro Devices M420000007 Datasheet HTML 51Page - Advanced Micro Devices M420000007 Datasheet HTML 52Page - Advanced Micro Devices M420000007 Datasheet HTML 53Page - Advanced Micro Devices M420000007 Datasheet HTML 54Page - Advanced Micro Devices M420000007 Datasheet HTML 55Page - Advanced Micro Devices M420000007 Datasheet HTML 56Page - Advanced Micro Devices M420000007 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
February 6, 2004
Am42DL16x2D
51
AC CHARACTERISTICS
SRAM Read Cycle
Note: CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
Figure 28.
SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Speed Options
Unit
70
85
t
RC
Read Cycle Time
Min
70
85
ns
t
AA
Address Access Time
Max
70
85
ns
t
CO1, tCO2
Chip Enable to Output
Max
70
85
ns
t
OE
Output Enable Access Time
Max
35
45
ns
t
BA
LB#s, UB#s to Valid Output
Max
70
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z
Output
Min
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
Min
10
ns
t
OLZ
Output Enable to Low-Z Output
Min
5
ns
t
HZ1, tHZ2
Chip disable to High-Z Output
Min
0
ns
Max
25
t
BHZ
UB#s, LB#s Disable to High-Z Output
Min
0
ns
Max
25
t
OHZ
Output Disable to High-Z Output
Min
0
ns
Max
25
t
OH
Output Data Hold from Address Change
Min
10
15
ns
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com