Electronic Components Datasheet Search
  English  ▼

X  

LM324F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LM324F
Description  Low power quad op amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM324F Datasheet(HTML) 7 Page - NXP Semiconductors

  LM324F Datasheet HTML 1Page - NXP Semiconductors LM324F Datasheet HTML 2Page - NXP Semiconductors LM324F Datasheet HTML 3Page - NXP Semiconductors LM324F Datasheet HTML 4Page - NXP Semiconductors LM324F Datasheet HTML 5Page - NXP Semiconductors LM324F Datasheet HTML 6Page - NXP Semiconductors LM324F Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Philips Semiconductors
Product specification
LM124/224/324/324A/
SA534/LM2902
Low power quad op amps
1995 Nov 27
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
EO
50pF
INPUT
OUTPUT
500
450
400
350
300
250
0
1
2
3
4
5
6
7
8
L — TIME (
µS)
TA = +25
oC
V+ = +30 VDC
VCM = 0 VDC
V+ = +30 VDC
V+ = +15 VDC
V+ = +5 VDC
90
80
70
60
50
40
30
20
10
0
–55 –35 –15
5
25
45
65
85 105 125
TA — TEMPERATURE (C
o)
Input Current
–
+
VDC
100K
VO
1K
+7VDC
VIN
2K
20
15
10
5
0
1K
10K
100K
1M
FREQUENCY (Hz)
RL < 2K V
+ = 15 VDC
4
3
2
1
0
3
2
1
0
0
10
20
30
40
TIME (
µS)
15
10
5
NEGATIVE
POSITIVE
0
5
10
15
— POWER SUPPLY VOLTAGE (+ VDC)
V+ OR V–
Input Voltage Range
Large-Scale
Frequency Response
Voltage-Follower
Pulse Response
Voltage-Follower Pulse
Response (Small–Signal)
100
100
100k
7.5 VDC
VO
100k
–
+
+
VIN
+7.5 VDC
120
100
80
60
40
20
0
100
1k
10k
100k
1M
f — FREQUENCY (Hz)
Common-Mode Rejection Ratio
VIN
SL00068
Figure 4. Typical Performance Characteristics (cont.)
TYPICAL APPLICATIONS
+
V+
8
VO
VIN
–
+
4
V+
10K
10k
RF
BLOCKS
DC.
GAIN
R1
RF
V+
8
RL
VO
RIN
VIN
–
+
4
V+
2
V+
8
VO
VIN
–
4
V+
10K
10k
Single Supply Inverting Amplifier
Non–Inverting Amplifier
Input Biasing Voltage–Follower
V+
2
+
SL00069
Figure 5. Typical Applications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com