Electronic Components Datasheet Search
  English  ▼

X  

B360 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B360
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360 Datasheet(HTML) 1 Page - Diodes Incorporated

  B360 Datasheet HTML 1Page - Diodes Incorporated B360 Datasheet HTML 2Page - Diodes Incorporated B360 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B320 - B360
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
•
Guard Ring Die Construction for Transient Protection
•
Ideally Suited for Automatic Assembly
•
Low Power Loss, High Efficiency
•
Surge Overload Rating to 125A Peak
•
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Application
•
Lead Free Finish/RoHS Compliant (Note 4)
Mechanical Data
•
Case: SMC
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.21 grams (approximate)
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
* Note: Device may have a semicircular indentation/notch
on one side of the device (as shown).
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B320
B330
B340
B350
B360
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT =100C°
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
125
A
Forward Voltage (Note 3)
@ IF = 3.0A
VFM
0.50
0.70
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 3)
@ TA = 100°C
IRM
0.5
20
mA
Typical Capacitance (Note 2)
CT
200
pF
Typical Thermal Resistance, Junction to Terminal
RθJT
20
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 1)
RθJA
90
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
1.
Thermal Resistance: Junction to terminal, unit mounted on glass epoxy substrate with 2x3mm copper pad
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
Short duration test pulse used to minimize self-heating effect.
4.
RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
DS30923 Rev. 2 - 2
1 of 3
www.diodes.com
B320-B360
© Diodes Incorporated
SPICE MODELS: B320 B330 B340 B350 B360


Similar Part No. - B360

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B360 DIODES-B360 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B360 FUJI-B360 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B360 WEITRON-B360 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B360 BILIN-B360 Datasheet
92Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
B360 CTC-B360 Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B360

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B320B DIODES-B320B Datasheet
162Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B360AM DIODES-B360AM Datasheet
449Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com