Electronic Components Datasheet Search
  English  ▼

X  

MBR2535CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR2535CT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR2535CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR2535CT Datasheet HTML 1Page - Diodes Incorporated MBR2535CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS31036 Rev. 6 - 2
1 of 2
MBR2535CT - MBR2560CT
www.diodes.com
ã Diodes Incorporated
MBR2535CT - MBR2560CT
30A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin 1
Pin 3
Pin 2
Case
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR2535CT
MBR2545CT
MBR2550CT
MBR2560CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
35
45
50
60
V
RMS Reverse Voltage
VR(RMS)
25
32
35
42
V
Average Rectified Output Current
@ TC = 130
°C
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 3)
IRRM
1.0
0.5
A
Forward Voltage Drop
@ IF = 15.0A, TC = 25
°C
@ IF = 15.0A, TC = 125
°C
@ IF = 30.0A, TC = 25
°C
@ IF = 30.0A, TC = 125
°C
VFM
¾
¾
0.82
0.73
0.75
0.65
¾
¾
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.2
40
1.0
50
mA
Typical Total Capacitance (Note 2)
CT
750
500
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
1.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
3. 2.0
ms pulse width, f = 1.0KHz.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
·
Case: TO-220AB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Marking: Type Number
·
Weight: 2.24 grams (approx.)
TO-220AB
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
H
2.40
2.70
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
All Dimensions in mm


Similar Part No. - MBR2535CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2535CT MOTOROLA-MBR2535CT Datasheet
82Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
30 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
logo
General Semiconductor
MBR2535CT GE-MBR2535CT Datasheet
72Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2535CT MCC-MBR2535CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2535CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
MBR3060CTP DIODES-MBR3060CTP Datasheet
87Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
DS31961 Rev. 2 - 2
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBRF3045CT DIODES-MBRF3045CT_15 Datasheet
491Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 4
MBRF30100CT DIODES-MBRF30100CT_15 Datasheet
215Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 5
MBR3060CTP DIODES-MBR3060CTP_15 Datasheet
85Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 3
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 6
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
30A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com