Electronic Components Datasheet Search
  English  ▼

X  

AM29PDL128G35PEK Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29PDL128G35PEK
Description  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G35PEK Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29PDL128G35PEK Datasheet HTML 25Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 26Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 27Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 28Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 29Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 30Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 31Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 32Page - Advanced Micro Devices AM29PDL128G35PEK Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
28
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
Figure 1.
In-System Sector Protection/Sector Unprotection Algorithms
Note:These algorithms are valid only in Persistent Sector Protection mode, and are not valid in Password Protection Mode.
Sector Protect:
Write 60h to sector
address with
A6-A0 =
0111010
Set up sector
address
Wait 150 µs
Verify Sector
Protect: Write 40h
to sector address
with A6-A0 =
0111010
Read from
sector address
with A6-A0 =
0111010
START
PLSCNT = 1
RESET# = VID
Wait 1
µs
First Write
Cycle = 60h?
Data = 01h?
Remove VID
from RESET#
Write reset
command
Sector Protect
complete
Yes
Yes
No
PLSCNT
= 25?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Unprotect Mode
No
Sector Unprotect:
Write 60h to sector
address with
A6-A0 =
1111010
Set up first sector
address
Wait 15 ms
Verify Sector
Unprotect: Write
40h to sector
address with
A6-A0 =
1111010
Read from
sector address
with A6-A0 =
1111010
START
PLSCNT = 1
RESET# = VID
Wait 1
µs
Data = 00h?
Last sector
verified?
Remove VID
from RESET#
Write reset
command
Sector Unprotect
complete
Yes
No
PLSCNT
= 1000?
Yes
Device failed
Increment
PLSCNT
Temporary Sector
Unprotect Mode
No
All sectors
protected?
Yes
Protect all sectors:
The indicated portion
of the sector protect
algorithm must be
performed for all
unprotected sectors
prior to issuing the
first sector
unprotect address
Set up
next sector
address
No
Yes
No
Yes
No
No
Yes
No
Sector Protect
Algorithm
Sector Unprotect
Algorithm
First Write
Cycle = 60h?
Protect another
sector?
Reset
PLSCNT = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com