Electronic Components Datasheet Search
  English  ▼

X  

AP1084D Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1084D
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084D Datasheet(HTML) 3 Page - Anachip Corp

  AP1084D Datasheet HTML 1Page - Anachip Corp AP1084D Datasheet HTML 2Page - Anachip Corp AP1084D Datasheet HTML 3Page - Anachip Corp AP1084D Datasheet HTML 4Page - Anachip Corp AP1084D Datasheet HTML 5Page - Anachip Corp AP1084D Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AH266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Jan 19, 2005
3/6
Absolute Maximum Ratings (at Ta = 250C )
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
28
V
Output “OFF ” voltage
Vout (off)
28
V
Io (con)
400 (Note 1)
mA
Io (hold)
500
mA
Output “ON” current
Io (peak)
700
mA
Magnetic flux density
B
Unlimited
Gauss
Operating temperature range
Top
-20~+85
°C
Storage temperature range
Tstg
-65~+150
°C
Power dissipation (Note 2)
PD
550
mW
Thermal Resistance
θjc
227
°C/W
Note 1: Io(con) is 150 mA at 85
°C
2: See Performance Characteristic for other conditions
Electrical Characteristics ( Ta = 25°C )
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
Vcc
-
4
-
28
V
Output Zener Breakdown
Vz
Output Turn off
54
62
70
V
Output Saturation Voltage
Vce(sat) Vcc=24V, Ic=400mA
-
1.1
1.5
V
Output Leakage Current
Icex
Vce=24V, Vcc=24V
-
< 0.1
10
µA
Supply Current
Icc
Vcc=24V, Output Open
-
5
10
mA
Output Rise Time
tr
Vcc=24V, RL=820Ω, CL=20pF
-
1.0
5
µs
Output Falling Time
tf
Vcc=24V, RL=820Ω, CL=20pF
-
1.0
1.5
µs
Switch Time Differential
∆t
Vcc=24V, RL=820Ω, CL=20pF
-
3.0
10
µs
Test Circuit
266
CL1
CL2
24V
Vout1(DO)
Vout2(DOB)
RL1=RL2=820 Ohm
CL1=CL2=20 pF
RL2
RL1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com