Electronic Components Datasheet Search
  English  ▼

X  

DL163 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # DL163
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

DL163 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button DL163 Datasheet HTML 45Page - Advanced Micro Devices DL163 Datasheet HTML 46Page - Advanced Micro Devices DL163 Datasheet HTML 47Page - Advanced Micro Devices DL163 Datasheet HTML 48Page - Advanced Micro Devices DL163 Datasheet HTML 49Page - Advanced Micro Devices DL163 Datasheet HTML 50Page - Advanced Micro Devices DL163 Datasheet HTML 51Page - Advanced Micro Devices DL163 Datasheet HTML 52Page - Advanced Micro Devices DL163 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
48
Am42DL16x4D
January 9, 2002
P R E L IMINARY
AC CHARACTERISTICS
Temporary Sector/Sector Block Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
Unit
JEDEC
Std
Description
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
t
VHH
V
HH Rise and Fall Time (See Note)
Min
250
ns
t
RSP
RESET# Setup Time for Temporary
Sector/Sector Block Unprotect
Min
4
µs
tRRB
RESET# Hold Time from RY/BY# High for
Temporary Sector/Sector Block Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#f
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 25.
Temporary Sector/Sector Block Unprotect
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com