Electronic Components Datasheet Search
  English  ▼

X  

8506E Datasheet(PDF) 1 Page - Burland Technology Solutions

Part # 8506E
Description  Hollow space floor box system: 8506E
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

8506E Datasheet(HTML) 1 Page - Burland Technology Solutions

  8506E Datasheet HTML 1Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hollow space floor box system:
8506E
Specification:
8506E
Hollow space floor box system
6
6x SCHUKO socket with VDE certification
Square
Item No:
Product line:
Units:
Mounting (qty):
Construction:
Ground:
Type of inst.:
Lid character.:
Environment:
Protection:
EAN:
• Suitable for screed
• Suitable for hollow floor
Flush mounted
• Hinged
• Closable with plugged in plugs
Dry to moist
IP20
4058796003794
Technical data:
Material:
Colour:
Surface:
Weight:
Dimensions:
Install. Dim.:
Supply line:
Load:
• Frame made of stainless steel (1,5mm / 1.4301)
• Adapter box made of galvanized steel sheet
• Lid made of stainless steel (1,5mm / 1.4301)
• Equipment carrier made of aluminum
Stainless steel
Grindet
2600g
230 x 230 x 90mm
205 x 205 x 90mm
4x front; 4x lateral; 4x back; 4x bottom; Ø 25mm
120kg
Features:
Delivery cond.:
Complete and pre-assembled


Similar Part No. - 8506E

ManufacturerPart #DatasheetDescription
logo
Heyco.
8506 HEYCO-8506 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8506 HEYCO-8506 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
Wurth Elektronik GmbH &...
850617021001 WURTH-850617021001 Datasheet
1Mb / 10P
WCAP-STSC Supercapacitors (EDLC‘s)
002.002
850617021002 WURTH-850617021002 Datasheet
1Mb / 10P
WCAP-STSC Supercapacitors (EDLC‘s)
002.002
850617021004 WURTH-850617021004 Datasheet
1Mb / 10P
WCAP-STSC Supercapacitors (EDLC‘s)
002.002
More results

Similar Description - 8506E

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
2003B BURLAND-2003B Datasheet
370Kb / 1P
Floor box system: 2003B
2003Q BURLAND-2003Q Datasheet
316Kb / 1P
Floor box system: 2003Q
8502B BURLAND-8502B Datasheet
342Kb / 1P
Hollow space floor box system: 8502B
8508B BURLAND-8508B Datasheet
377Kb / 1P
Hollow space floor box system:8508B
8508E BURLAND-8508E Datasheet
437Kb / 1P
Hollow space floor box system:8508E
8902H BURLAND-8902H Datasheet
409Kb / 1P
Hollow space floor box system: 8902H
8903H BURLAND-8903H Datasheet
321Kb / 1P
Hollow space floor box system: 8903H
8904H BURLAND-8904H Datasheet
452Kb / 1P
Hollow space floor box system:8904H
8906H BURLAND-8906H Datasheet
402Kb / 1P
Hollow space floor box system: 8906H
9912T BURLAND-9912T Datasheet
448Kb / 1P
Hollow space floor box system: 9912T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com