Electronic Components Datasheet Search
  English  ▼

X  

ADU Datasheet(PDF) 3 Page - Burland Technology Solutions

Part # ADU
Description  Chameleon ADU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

ADU Datasheet(HTML) 3 Page - Burland Technology Solutions

  ADU Datasheet HTML 1Page - Burland Technology Solutions ADU Datasheet HTML 2Page - Burland Technology Solutions ADU Datasheet HTML 3Page - Burland Technology Solutions ADU Datasheet HTML 4Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specification
Input Voltage/Frequency:
AC230-250V AC 60Hz
Input Connection:
GST18/3 3pole male plug on 800mm PVC cable
USB Charger Output:
5V DC 2.4Amp
Max Current:
16 Amp
Individual Breakers:
5A, 250V AC, IR not less than2.0 Mega Ohms at 500V DC
Operating Temperature:
-40ºC to +85ºC
Trip Time
Current Level (% of rated)
Trip Time
100%
No Trip
150%
60 Minutes
200%
3-60 Seconds
300%
0.8-20 Seconds
400%
0.5-6.0 Seconds
500%
0.3-2.8 Seconds
600%
0.25-2.0 Seconds
Standards
BS5733, BS1363, BS6396, CE Marked
Colours
Cat6 RJ45
Other custom colours available on request, subject to MOQ and will include surcharge.
Data USB
HDMI
Blank
Standard - Black and White



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com