Electronic Components Datasheet Search
  English  ▼

X  

BTS-PC1175 Datasheet(PDF) 4 Page - Burland Technology Solutions

Part # BTS-PC1175
Description  Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

BTS-PC1175 Datasheet(HTML) 4 Page - Burland Technology Solutions

  BTS-PC1175 Datasheet HTML 1Page - Burland Technology Solutions BTS-PC1175 Datasheet HTML 2Page - Burland Technology Solutions BTS-PC1175 Datasheet HTML 3Page - Burland Technology Solutions BTS-PC1175 Datasheet HTML 4Page - Burland Technology Solutions BTS-PC1175 Datasheet HTML 5Page - Burland Technology Solutions BTS-PC1175 Datasheet HTML 6Page - Burland Technology Solutions BTS-PC1175 Datasheet HTML 7Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Code
Cable Length
Cable Colour
UK 13 Amp fused plug, H05VV-F 3x 1.5mm2 to C19 IEC Lock
BTS-PC1214
2000mm
Black C/W Label
R/A Schuko plug, Ho5VV-F 3 x 1.5mm2 to C19 IEC Lock
BTS-EL262S
2000mm
Black C/W Label
Male C20, H05VV 3 X 1.5mm2 to C19 IEC Lock
BTS-PC1284
1000mm
Black
BTS-PC1357
1000mm
Blue
BTS-PC1361
1000mm
Orange
BTS-PC1298
1000mm
White
BTS-PC1401
1000mm
Red
BTS-PC1285
2000mm
Black
BTS-PC1358
2000mm
Blue
BTS-PC1293
2000mm
Orange
BTS-PC1299
2000mm
White
BTS-PC1402
2000mm
Red
BTS-PC1286
3000mm
Black
BTS-PC1376
3000mm
Blue
BTS-PC1375
3000mm
Orange
BTS-PC1300
3000mm
White
BTS-PC1403
3000mm
Red
Stripped End H05 VV-F 3 x 1.5mm2 to C19 IEC Lock
BTS-PC1173
1000mm
Black
BTS-PC1174
2000mm
Black
BTS-PC1175
3000mm
Black
BTS-PC1191
3000mm
Orange
BTS-PC1192
3000mm
Blue
BTS-PC1405
4000mm
Black
BTS-PC1371
5000mm
Black
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
C19
Connectors
Burland Technology Solutions Limited
2 Delphus, Orion Court
Great Blakenham, Ipswich
Suffolk IP6 0LW
T +44 (0)1473 858 214
F +44 (0)1473 839 005
www.burland.com
sales@burland.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com