Electronic Components Datasheet Search
  English  ▼

X  

MA733C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MA733C
Description  Differential video amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA733C Datasheet(HTML) 5 Page - NXP Semiconductors

  MA733C Datasheet HTML 1Page - NXP Semiconductors MA733C Datasheet HTML 2Page - NXP Semiconductors MA733C Datasheet HTML 3Page - NXP Semiconductors MA733C Datasheet HTML 4Page - NXP Semiconductors MA733C Datasheet HTML 5Page - NXP Semiconductors MA733C Datasheet HTML 6Page - NXP Semiconductors MA733C Datasheet HTML 7Page - NXP Semiconductors MA733C Datasheet HTML 8Page - NXP Semiconductors MA733C Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
µA733/733C
Differential video amplifier
1992 Apr 15
5
TYPICAL PERFORMANCE CHARACTERISTICS
70
60
50
40
30
20
10
0
0
20 40 60
80 100 120 140 160 180 200
DIFFERENTIAL INPUT VOLTAGE – mV
VS = +6V
TA = 25
oC
GAIN 2
Phase Shift as a
Function of Frequency
0
-5
-10
-15
-20
-25
0
1
23
4
5
678
9
10
FREQUENCY – MHz
GAIN 2
VS = +6V
TA = 25
oC
Common-Mode Rejection Ratio
as a Function of Frequency
100
90
80
70
60
50
40
30
20
10
0
10k
100k
1M
10M
100M
FREQUENCY – Hz
GAIN 2
VS = +6V
TA = 25
oC
Output Voltage Swing as
a Function of Frequency
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
1
5
10
50 100
500 1000
FREQUENCY – MHz
VS = +6V
TA = 25
oC
RL = 1kΩ
Pulse Response as a
Function of Supply Voltage
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-15 -10 -5
0
5
10 15 20 25 30 35
TIME – ns
GAIN 2
TA = 25
oC
RL = 1kΩ
VS = +8V
VS = +3V
VS = +6V
TA = 70
oC
Pulse Response as a
Function of Temperature
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-15 -10 -5
0
5
10 15 20 25 30 35
TIME – ns
GAIN 2
VS = +6V
RL = 1kΩ
TA = 25
oC
TA = 0
oC
0
–60
–100
–150
–200
–250
–300
–350
1
5
10
50 100
5001000
GAIN 3
GAIN 2
GAIN 1
VA = +6V
TA = 25
oC
FREQUENCY — MHz
VS = +6V
TA = 25
oC
RL = 1kKΩ
Phase Shift as a
Function of Frequency
Voltage Gain as a
Function of Temperature
FREQUENCY — MHz
60
50
40
30
20
10
0
-10
GAIN 1
GAIN 2
GAIN 3
1
5
10
50 100
500 1000
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-15 -10
-5
0
5
10 15 20 25 30 35
TIME – ns
VS = +6V
TA = 25
oC
RL = 1k
GAIN 2
GAIN 1
GAIN 3
Pulse Response
Differential Overdrive
Recovery Time
SL00091
Figure 3. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com