Electronic Components Datasheet Search
  English  ▼

X  

AM29LV160MB35PCI Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29LV160MB35PCI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160MB35PCI Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LV160MB35PCI Datasheet HTML 35Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 36Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 37Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 38Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 39Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 40Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 41Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 42Page - Advanced Micro Devices AM29LV160MB35PCI Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
January 31, 2007 25974B5
Am29LV160M
37
Data
Sheet
Figure 8. Toggle Bit Algorithm
Notes:
1. Read toggle bit twice to determine whether or not it is toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5 changes to “1”. See text.
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time exceeded a specified internal
pulse count limit. Under these conditions DQ5 produces a “1.” This is a failure
condition that indicates the program or erase cycle was not successfully
completed.
The DQ5 failure condition may appear if the system tries to program a “1” to a
location that is previously programmed to “0.” Only an erase operation can
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
(Note 1)
(Notes
1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com