Electronic Components Datasheet Search
  English  ▼

X  

AM29LV160MB50PCI Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM29LV160MB50PCI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160MB50PCI Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM29LV160MB50PCI Datasheet HTML 47Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 48Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 49Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 50Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 51Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 52Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 53Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 54Page - Advanced Micro Devices AM29LV160MB50PCI Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
January 31, 2007 25974B5
Am29LV160M
49
Data
Sheet
AC Characteristics
Note: The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an
erase-suspended sector.
Figure 21. DQ2 vs. DQ6 for Erase and
Erase Suspend Operations
Temporary Sector Unprotect
Note: Not 100% tested.
Figure 22. Temporary Sector Unprotect/Timing Diagram
Parameter
All Speed Options
JEDEC
Std
Description
Unit
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tRSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing
RESET#
tVIDR
12 V
0 or 3 V
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com