Electronic Components Datasheet Search
  English  ▼

X  

SMF4735 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SMF4735
Description  ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SMF4735 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SMF4735 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SMF4735 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMF4728 THRU SMF4764
Features
· For surface mounted applications
in order to optimize board space
· Low profile space
· Glass passivated chip
· High reliability
· For use in stabilizing and clipping
circuits with high power rating
· Standard voltage tolerance is ± 5%
Maximum Ratings and Thermal Characteristics (TA=25°C unless otherwise noted)
POWER DISSIPATION 1.0 W
VOLTAGE 3.3 to 100 V
Power dissipation
Typical thermal resistance, junction to ambient (1)
Typical thermal resistance, junction to lead (1)
PD
RθJA
Symbols
Units
TJ
TSTG
Mechanical Data
· Case : SOD-123FL Molding compound meets
UL 94 V-0 flammability rating
· Terminals : Terminals: Solder plated solderable
per MIL-STD-750, Method 2026
· Polarity : Laser band denotes cathode end
Items
℃
℃
W
Dimensions in inches and (millimeters)
RθJL
Junction Temperature
Storage Temperature Range
℃/W
℃/W
-55 to +150
150
1.0
220
30
Value
Notes: (1) Mounted on epoxy glass PCB with 3mmx3mm Cu pads (≥40 μm thick)
https://dec.co.kr
DAESAN ELECTRONIC CORP.
ZENER DIODE
SOD-123FL
0.024(0.60)
0.039(1.00)
0.098(2.50)
0.114(2.90)
0.061(1.55)
0.077(1.95)
0.138(3.50)
0.154(3.90)
0.031(0.80)
0.047(1.20)
0.002(0.05)
0.010(0.25)
0.020(0.50)
0.043(1.10)
0.004(0.10)
MAX.


Similar Part No. - SMF4735

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMF4735 YANGJIE-SMF4735 Datasheet
193Kb / 3P
Zener Diodes
logo
Shanghai Leiditech Elec...
SMF4735 LEIDITECH-SMF4735 Datasheet
604Kb / 3P
For surface mounted applications Voltage range
logo
DAESAN ELECTRONIC CORP.
SMF4735 DAESAN-SMF4735 Datasheet
741Kb / 3P
ZENER DIODE
logo
Jiangsu High diode Semi...
SMF4735A HDSEMI-SMF4735A Datasheet
1Mb / 5P
SOD-123FL Plastic-Encapsulate Diodes
logo
First Silicon Co., Ltd
SMF4735A FS-SMF4735A Datasheet
145Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
More results

Similar Description - SMF4735

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com