Electronic Components Datasheet Search
  English  ▼

X  

B2M040120R Datasheet(PDF) 3 Page - BASIC SEMICONDUCTOR

Part # B2M040120R
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M040120R Datasheet(HTML) 3 Page - BASIC SEMICONDUCTOR

  B2M040120R Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M040120R Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SiC MOSFET
3 / 14
www.basicsemi.com
Thermal Characteritics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
0.63
0.90
K/W
Thermal Resistance from Junction to Case
R
th(jc)
Rev. 0.0
B2M040120R
AC Characteristics
Gate Charge Characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
2100
115
6
1.6
pF
pF
pF
47
μJ
Ω
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Internal Gate Resistance
C
iss
C
oss
C
rss
R
G(int)
V
GS=0V, VDS=800V
f =100kHz, V
AC=25mV
f =1MHz, V
AC=25mV
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
30
42
90
nC
nC
nC
Gate to Source Charge
Gate to Drain Charge
Total Gate Charge
Q
GS
Q
GD
Q
G
V
DS=800V
I
D =40A
V
GS=-4/+18V
C
oss Stored Energy
E
oss
147
pF
Effective Output Capacitance,
Energy Related
C
O(ER)
V
GS=0V, 0V < VDS < 800V
215
pF
Effective Output Capacitance,
Time Related
C
O(TR)
V
GS=0V, 0V < VDS < 800V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com