Electronic Components Datasheet Search
  English  ▼

X  

IL3285 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL3285
Description  Fractional Load RS485 and RS422 Transceivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3285 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL3285 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL3285 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IL3285 IL3222
Isoloop® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
ISB-DS-001-IL612-A, January 20, 2005
NVE Corp., 11409 Valley View Road, Eden Prairie, MN 55344-3617, U.S.A.
Telephone: 952-829-9217, Fax 952-829-9189, www.isoloop.com
© 2005 NVE Corporation
Fractional Load RS485 and RS422 Transceivers
Functional Diagram
Truth Table
.
VID (A-B)
DE
RE
R
D
Mode
= 200 mV
L
L
H
C
Receive
= -200 mV
L
L
L
X
Receive
-7<VID<12
X
H
Z
X
Receive/Drive
= 1.5 V
H
L
H
H
Drive
= -1.5 V
H
L
L
L
Drive
Selection Table.
Model
Half / Full
Duplex
No. of devices
allowed on bus
Data Rate
Mb/s
Fail-safe
IL3285
half
256
1
yes
IL3222
full
256
1
yes
Features
•
3.3 V Input Supply Compatible
•
2500 VRMS Isolation (1 min)
•
40 ns Propagation Delay
•
5 ns Pulse Skew
•
20 kV/µs Transient Immunity
•
Thermal Shutdown Protection
•
-40°C to +85°C Temperature Range
•
16 Pin SOIC Package
•
UL1577 Approval Pending
•
IEC 61010-1 Approval Pending
•
+15 kV ESD Protection
Applications
•
High Node Count Networks
•
Security Networks
•
Building Environmental Controls
•
Industrial Control Networks
•
Gaming Systems
•
Factory Automation
Description
The IL3000 series are galvanically isolated, differential bus
transceivers designed for bidirectional data communication on
balanced transmission lines. Isolation is achieved through
patented* Isoloop® technology. The IL3285 and IL3222 offer
an exceptional 2.3 V differential output into a 54
Ω load,
which allows better data integrity over longer cable lengths.
These devices are also compatible with 3.3 V input supplies,
allowing interface to standard microcontrollers without the
need for additional level-shifting components.
The IL3000 series have current limiting and thermal shutdown
features to protect against output short circuits and bus
contention situations which may cause excessive power
dissipation. The receivers also incorporate a “sail-safe if
open” design which ensures a logic high on R if the bus lines
are disconnected or “floating”.


Similar Part No. - IL3285

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL3285 NVE-IL3285 Datasheet
357Kb / 19P
Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
IL3285-3E NVE-IL3285-3E Datasheet
357Kb / 19P
Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
IL3285-3E TR13 NVE-IL3285-3E TR13 Datasheet
357Kb / 19P
Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
IL3285E NVE-IL3285E Datasheet
357Kb / 19P
Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
IL3285E TR13 NVE-IL3285E TR13 Datasheet
357Kb / 19P
Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers
More results

Similar Description - IL3285

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com