Electronic Components Datasheet Search
  English  ▼

X  

IL3222 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL3222
Description  Fractional Load RS485 and RS422 Transceivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3222 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL3222 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL3222 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IL3285 IL3222
3
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
Pin Connections
1
VDD1
Input Power Supply
2
GND1
Input Power Supply Ground Return
3
R
Output Data from Bus
4
RE
Read Data Enable (if RE is high, R= high
impedance)
5
DE
Drive Enable
6
COIL
Supply voltage side of coils for DE and D
7
D
Data Input to Bus
8
GND1
Input Power Supply Ground Return
9
GND2
Output Power Supply Ground Return
10
NC
No Internal Connection
11
VDD2
Output Power Supply
12
A
Noninverting bus line
13
B
Inverting bus line
14
NC
No Internal Connection
15
GND2
Output Power Supply Ground Return
16
VCOIL
Supply voltage side of coil for R
IL3285
1
VDD1
Input Power Supply
2
GND1
Input Power Supply Ground Return
3
R
Output Data from Bus
4
RE
Read Data Enable (if RE is high, R= high
impedance)
5
DE
Drive Enable
6
COIL
Supply voltage side of coils for DE and D
7
D
Data Input to Bus
8
GND1
Input Power Supply Ground Return
9
GND2
Output Power Supply Ground Return
10
Y
Noninverting driver bus line
11
VDD2
Output Power Supply
12
Z
Inverting driver bus line
13
B
Inverting receiver bus line
14
A
Noninverting receiver bus line
15
GND2
Output Power Supply Ground Return
16
VCOIL
Supply voltage side of coil for R
IL3222
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage
could range from performance degradation to complete failure.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com